Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 87 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 83Page - STMicroelectronics AN3128 Datasheet HTML 84Page - STMicroelectronics AN3128 Datasheet HTML 85Page - STMicroelectronics AN3128 Datasheet HTML 86Page - STMicroelectronics AN3128 Datasheet HTML 87Page - STMicroelectronics AN3128 Datasheet HTML 88Page - STMicroelectronics AN3128 Datasheet HTML 89Page - STMicroelectronics AN3128 Datasheet HTML 90Page - STMicroelectronics AN3128 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
87/105
4.6.34
GL_Delay HAL function
The delay routine employs the SysTick processor internal circuit. It is a very simple down-
counting counter which is clocked by a processor clock, in this case 72 MHz. The counter
width is 24 bits, so it operates over a range from 16,777,215 to 0. Each working cycle starts
with a counter preloading by the entered scaler which determines a time of counting at the
end of which the SysTick interrupt handler is launched, in order to handle an underflow
event. The handler decrements an intended number of working cycles and reloads the
counter which continues in this manner, setting a number of working cycles generates a
variation of the total time latency.
The second important issue regarding this portion is interrupt handling.
Throughout all the families of diverse microprocessors, the interrupt feature is integrated into
a core behavior as an essential property in order to make it possible to handle some
circumstances time adequately, or better, as soon as possible. The interrupts are very often
closely linked with the data transfers where a regular time characteristic of protocols must
be accomplished or with purely timing business where a need of immediate treatment is
clear.
The library, as well as every ordinary project which employs this library, contains a file of
interrupt handler routines. According to a STM32 start-up vector file, which, among others,
sets a vector table entry with exception handler addresses (this means that it defines the
names of all handlers), a handler must be defined for every possible exception-interrupt
source even if that may be empty and unused.
Therefore, the file of the handler routines comprises also the handlers of peripherals which
are not involved in the application.
The GL_Delay(uint32_t nCount) function stops the code execution of the processor in an
empty “while-loop” for a defined time delay. There is a global variable TimingDelay and
another complementing routine called TimingDelay_Decrement, which must be taken into
account at the process of comprehension. The delay routine, first of all, sets TimingDelay
with an entered nCount number, enables the SysTick counter and then it sticks at while-
loop, waiting until the TimingDelay is equal to zero. The TimingDelay value is decremented
by routine, as its name suggests, decrement TimeDelay, which is launched by SysTick
interrupt handler every time the counter reaches zero. Therefore, the nCount variable
multiplied by a SysTick period (which is fixed to 10 ms) is the total time latency caused by
delay procedure.
Table 73 describes the GL_Delay function of the hardware abstraction layer.
Table 73.
GL_Delay
Name
Description
Function name
GL_Delay
Function prototype
void GL_Delay (uint32_t nCount)
Behavior description
Inserts a delay time
Input parameter {x}
nCount: specifies the delay time length (time base 10 ms)
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com