Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 12Page - STMicroelectronics AN3128 Datasheet HTML 13Page - STMicroelectronics AN3128 Datasheet HTML 14Page - STMicroelectronics AN3128 Datasheet HTML 15Page - STMicroelectronics AN3128 Datasheet HTML 16Page - STMicroelectronics AN3128 Datasheet HTML 17Page - STMicroelectronics AN3128 Datasheet HTML 18Page - STMicroelectronics AN3128 Datasheet HTML 19Page - STMicroelectronics AN3128 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
Multi-input embedded GUI library
AN3128
16/105
Doc ID 16918 Rev 5
Table 4 shows the ROM usage (Flash memory) of the font sets:
All the graphic objects are allocated dynamically, in a typical application the heap size
should be about 16 KB, and the stack should be about 2 KB.
3.3
Library package
The library was developed supporting Raisonance Ride Kit ARM, IAR the IAR EWARM,
Atollic TrueSTUDIO, Keil MDK-ARM , TASKING VX-toolset for ARM Cortex-M3 and the
related workspace/project files are included in the delivered package.
The “Libraries” folder contains all the subdirectories and files that make up the core of the
library.
Embedded_GUI_HAL contains all files and subdirectories that makes the hardware
abstraction layer (HAL). The developer has to modify only these files if he needs to port the
library to other board with other TSC/LCD/JOYSTICK controller, and set the defined
constant into the file “hw_config.h” contained under the folder
“./Embedded_GUI_Example/inc”:
●
inc: sub-folder contains the HAL header files.
–
LcdHal.h: HAL layer file; contains all the LCD function prototypes whose
implementation depends on the LCD used. The final user should change this file in
order to re-use this library with other LCDs.
–
JoyHal.h: HAL layer file; contains all the joystick function prototypes whose
implementation depends on the joystick controller used by the application. The
user need only change these function implementations in order to re-use this code
with other joystick controllers.
–
TscHal.h: HAL layer file; contains all the touchscreen function prototypes whose
implementation depends on the TSC controller used by the application. The user
need only change these function implementations in order to re-use this code with
other TSC controllers.
–
touchscreen.h: contains all the function prototypes for the touchscreen firmware
driver.
●
src: sub-folder contains the HAL source files.
–
LcdHal.c: HAL layer file; contains all the LCD function declarations whose
implementation depends on the LCD used and the MCU (STM32 for this delivery).
The final user should change this file in order to re-use this library with other
LCDs.
–
JoyHal.c: HAL layer file; contains all the joystick management function
declarations whose implementation depends on the joystick controller used by the
application. The user only needs to change these functions implementations in
order to re-use this code with other joystick controllers.
Table 4.
ROM usage of font sets
Font set
ROM (Flash)
Note
Font 16x24
4.560 bytes
Totally
Font 8x12
2.688 bytes
Totally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com