Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
31/105
Example:
GL_ErrStatus errStatus;
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declare and initiate a ComboBoxGroup with its ComboOptions Object and add it with
specified coordinates to a Page Object */
GL_PageControls
_TypeDef* MyComboGrp = NewComboBoxGrp("MyComboGrp");
AddComboOption (MyComboGrp ->objPTR, "Option1", MyComboboxFunc);
AddComboOption (MyComboGrp ->objPTR, "Option2", MyComboboxFunc);
AddComboOption (MyComboGrp ->objPTR, "Option3", MyComboboxFunc);
AddComboOption (MyComboGrp ->objPTR, "Option4", MyComboboxFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*8),(uint8_t)(LCD_Height/2),MyComboGrp,
&page1);
Once a ComboBoxGrp object and its combo option instances are created using the
NewComboBoxGrp and AddComboOption functions, ComboBoxGrp and combo option
objects themselves provide all their features through their internal function pointers.
Figure 14, 15, 16, show, in detail, the ComboBoxOption object properties and methods
which the final application can use to interact with.
4.1.10
NewSlidebar API global function
This kind of object is composed of a rectangular shaped 3D image and a thin cursor that can
be moved using the joystick or touchscreen pressing the cursor itself laterally. The variance
is established in a percentage from 0 to 100, and the minimum step is fixed at 5%.
A typical example of the application of this object could be the volume variation of the audio
output in an MP3 player.
It is possible to read the current value of the cursor position through the function
“Get_SlidebarValue” defined in the following pages, therefore easily integrating such an
object in the application.
The slidebar can be chosen to be printed horizontally or vertically, as shown in Figure 11.
Figure 11.
Slidebar graphical object
Required preconditions
NewComboBoxGrp must have been called before
Called functions
No API/HAL layer functions
Table 14.
AddComboOption API function (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com