Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 7Page - STMicroelectronics AN3128 Datasheet HTML 8Page - STMicroelectronics AN3128 Datasheet HTML 9Page - STMicroelectronics AN3128 Datasheet HTML 10Page - STMicroelectronics AN3128 Datasheet HTML 11Page - STMicroelectronics AN3128 Datasheet HTML 12Page - STMicroelectronics AN3128 Datasheet HTML 13Page - STMicroelectronics AN3128 Datasheet HTML 14Page - STMicroelectronics AN3128 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
AN3128
Touchscreen controller hardware description
Doc ID 16918 Rev 5
11/105
2
Touchscreen controller hardware description
2.1
Description
In this section we describe an example device that could be used for the touchscreen
management. This device is present on both STM3210C-EVAL and STM32100E-EVAL
demonstration board. The STMPE811 is a GPIO (general purpose input/output) port
expander able to interface a main digital ASIC via the two-line bi-directional bus (I2C). A
separate GPIO expander is often used in mobile multimedia platforms to solve the problem
regarding the limited amount of GPIOs typically available on the digital engine.
The STMPE811 offers great flexibility, as each I/O can be configured as input, output, or
specific functions. The device has been designed with very low quiescent current and
includes a wake-up feature for each I/O, to optimize the power consumption of the device.
A 4-wire touchscreen controller is built into the STMPE811. The touchscreen controller is
enhanced with a movement tracking algorithm (to avoid excessive data), a 128 x 32-bit
buffer and programmable active window feature.
2.2
Features
●
8 GPIOs
●
1.8 - 3.3 V operating voltage
●
Integrated 4-wire touchscreen controller
●
Interrupt output pin
●
Wake-up feature on each I/O
●
SPI and I2C interface
●
Up to 2 devices sharing the same bus in I2C mode (1 address line)
●
8-input 12-bit ADC
●
128-depth buffer touchscreen controller
●
Touchscreen movement detection algorithm
●
25 kV air-gap ESD protection (system level)
●
4 kV HBM ESD protection (device level).
2.3
STMPE811 functional overview
The STMP811 consists of the following blocks:
●
I2C and SPI interface
●
Analog-to-digital converter (ADC)
●
Touchscreen controller (TSC)
●
Driver and switch control unit
●
Temperature sensor
●
GPIO controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com