Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 15Page - STMicroelectronics AN3128 Datasheet HTML 16Page - STMicroelectronics AN3128 Datasheet HTML 17Page - STMicroelectronics AN3128 Datasheet HTML 18Page - STMicroelectronics AN3128 Datasheet HTML 19Page - STMicroelectronics AN3128 Datasheet HTML 20Page - STMicroelectronics AN3128 Datasheet HTML 21Page - STMicroelectronics AN3128 Datasheet HTML 22Page - STMicroelectronics AN3128 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
AN3128
Multi-input embedded GUI library
Doc ID 16918 Rev 5
19/105
3.4
Library architecture
Library architecture is thought out and developed in two separate layers:
●
API layer
●
HAL layer
This layer architecture improves the code re-usability splitting the application programming
interface code (fully portable and re-usable) from the hardware abstraction layer code
(hardware dependent and written upon the LCD library).
Figure 5.
Firmware library architecture
3.4.1
API layer
The application programming interface layer allows the final application to use the library as
a black-box. The library firmware encapsulation feature and exported API allow a full control
of the LCD and touchscreen without knowing, in-depth, LCD registers and SPI/I2C
read/write operation steps for the LCD and touchscreen respectively.
●
The API layer includes the following files:
–
graphicObject.h
–
graphicObject.c
–
graphicObjectTypes
–
cursor.c
–
cursor.h
See Section 4.1 for a more detailed description.
3.4.2
HAL layer
The hardware abstraction layer is directly built into the specific LCD firmware library and
allows the build-upon layers, like the API layer, to implement its functions without knowing,
in-depth, the LCD, MCU and touchscreen controller used. This improves the library code re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com