Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 63Page - STMicroelectronics AN3128 Datasheet HTML 64Page - STMicroelectronics AN3128 Datasheet HTML 65Page - STMicroelectronics AN3128 Datasheet HTML 66Page - STMicroelectronics AN3128 Datasheet HTML 67Page - STMicroelectronics AN3128 Datasheet HTML 68Page - STMicroelectronics AN3128 Datasheet HTML 69Page - STMicroelectronics AN3128 Datasheet HTML 70Page - STMicroelectronics AN3128 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
67/105
pLcdParam->LCD_Rcc_Apb_Periph
= LCD_RCC_APB_PERIPH;
pLcdParam->LCD_Rcc_Ahb_Periph
= LCD_RCC_AHB_PERIPH;
pLcdParam->LCD_Bus_Port
= LCD_SPI_PORT;
pLcdParam->LCD_Connection_Mode
= LCD_CONNECTION_MODE;
...
}
4.3.4
Touchscreen:: pTscParam API properties
TscHal.c exports the following public structure variable:
TSC_HW_Parameters_TypeDef * pTscHwParam; /* Touchscreen Hardware Parameters
Structure */
pTscParam properties allow setting the hardware communication parameters (Bus GPIO
port, GPIO pins).
TSC_PortSource selects the GPIO port to be used as source for event output for the
touchscreen controller
TSC_PinSource is the GPIO pin for the event output
TSC_Exti_IrqChannel selects the external line interrupts
TSC_Exti_Line selects the external interrupt line which the touchscreen controller is
connected to
TSC_Gpio_Port is the GPIO port needed for the communication between the
touchscreen controller and micro
TSC_Gpio_Pin is the GPIO pin needed for the communication between the
touchscreen controller and micro
TSC_DeviceRegister selects the touchscreen controller if two STMPE811s are
connected to be used as the IO expander
TSC_Bus_Port is the communication interface channel for the communication between
the touchscreen controller and the microcontroller.
Some examples are listed below:
File: hw_config.h
// Touchscreen Controller DEFINES
#define TSC_GPIO_PORT_SOURCE
GPIO_PortSourceGPIOB
#define TSC_GPIO_PIN_SOURCE
GPIO_PinSource14
#define TSC_EXTI_IRQ_CHANNEL
EXTI15_10_IRQn
#define TSC_EXTI_LINE
EXTI_Line14
#define TSC_GPIO_PORT
GPIOA
#define TSC_GPIO_PIN
GPIO_Pin_14
#define TSC_I2C_DEVICE_REGISTER
0x82
#define TSC_I2C_PORT
I2C1
TSC_HW_Parameters_TypeDef* pTscParam;
File: hw_config.c
void HWConfig_SetHardwareParams(void)
{
...
pTscParam = NewTscHwParamObj();
/* Assign the following value for Touchscreen Controller
Parameters Structure */
pTscParam->TSC_PortSource
= GL_GPIO_TSC_PORT_SOURCE;
pTscParam->TSC_PinSource
= GL_GPIO_TSC_PIN_SOURCE;
pTscParam->TSC_Exti_IrqChannel
= TSC_EXTI_IRQ_CHANNEL;
pTscParam->TSC_Exti_Line
= TSC_EXTI_LINE;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com