Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
29/105
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a RadioButton Group Object */
GL_RadioButtonGrp_TypeDef* RButtonGrp = NewRadioButtonGrp("RButtonGrp");
/* Declare/initiate a RadioOption Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef
* ROption_a = RADIO_BUTTON_ADD(RButtonGrp,"Option1",RBtnFunc1);
GL_PageControls_TypeDef
* ROption_b = RADIO_BUTTON_ADD(RButtonGrp,"Option2",RBtnFunc2);
AddPageControlObj((uint16_t)(LCD_Width/2),(uint8_t)((LCD_Height/9)*3),ROption_a,
&page1);
AddPageControlObj((uint16_t)(LCD_Width/2),(uint8_t)((LCD_Height/9)*4),ROption_b,
&page1);
Note:
As can be seen from the code above, to simplify the adding of a radio option the user should
not directly use the function “AddRadioOption()”, but must use the following macro instead:
#define RADIO_BUTTON_ADD(RadioButtonGrpName, Label, Function) \
RadioButtonGrpName->AddRadioOption(RadioButtonGrpName,Label,Function);
Once a RadioOption object instance is created using the AddRadioOption function, the
RadioOption object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the RadioOption object properties and methods which the
final application can use to interact with.
4.1.8
NewComboBoxGrp API global function
This kind of object allows the user to choose an option from a list of alternatives that can be
scrolled by selecting the up/down arrows.
Figure 10.
Combobox graphical layout
Input parameter {x}
GL_RadioButtonGrp_TypeDef*: pThis
Label: Label for RadioButton option
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
NewRadioButtonGrp must have been called before
Called functions
No API/HAL layer functions
Table 12.
AddRadioOption API function (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com