Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 97 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 93Page - STMicroelectronics AN3128 Datasheet HTML 94Page - STMicroelectronics AN3128 Datasheet HTML 95Page - STMicroelectronics AN3128 Datasheet HTML 96Page - STMicroelectronics AN3128 Datasheet HTML 97Page - STMicroelectronics AN3128 Datasheet HTML 98Page - STMicroelectronics AN3128 Datasheet HTML 99Page - STMicroelectronics AN3128 Datasheet HTML 100Page - STMicroelectronics AN3128 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
AN3128
Embedded GUI resource editor application
Doc ID 16918 Rev 5
97/105
6
Embedded GUI resource editor application
6.1
Introduction
The “Resource Editor for STM32 embedded graphic objects/touchscreen library” is a
software application to leverage the features of the multi-input GUI library developed on the
microcontroller platform.
Traditionally, the generation of touchscreen UIs requires writing a lot of redundant code and
painful mapping of screen coordinates to the interface. In absence of any WYSIWYG tool,
perfecting such an interface requires numerous time consuming iterations. The GUI library
is a part of the embedded UI generation ecosystem. It comprises the embedded GUI library
running on the firmware and the resource editor application running on the PC. The
resource editor GUI provides one common unified user interface to implement all the
interface design functionality, so that it becomes possible to make the changes visually and
generate the C code targeting the embedded GUI library in a few mouse clicks. The user
can include this code in their application and burn on the firmware.
The GUI allows the user to develop their own screens using the controls provided by the
library. The user simply drags and drops the controls from the tool box and changes the
control properties as required. After finishing the layout, the user is able to generate the
source code (header and c file) which can be integrated into the firmware application.
Figure 17.
Creating a GUI application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com