Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 95 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 91Page - STMicroelectronics AN3128 Datasheet HTML 92Page - STMicroelectronics AN3128 Datasheet HTML 93Page - STMicroelectronics AN3128 Datasheet HTML 94Page - STMicroelectronics AN3128 Datasheet HTML 95Page - STMicroelectronics AN3128 Datasheet HTML 96Page - STMicroelectronics AN3128 Datasheet HTML 97Page - STMicroelectronics AN3128 Datasheet HTML 98Page - STMicroelectronics AN3128 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 105 page
background image
AN3128
Getting started with the system
Doc ID 16918 Rev 5
95/105
/* Touch Screen Init */
TSC_Init();
/* Joystick Init */
GL_JoyStickConfig_IOExpander();
/* Set the last Flash Memory address */
Set_LastFlashMemoryAddress( 0x08040000 );
/* If key is pressed - Start Calibration */
while( GPIO_ReadInputDataBit(USER_BUTTON_PORT, USER_BUTTON_PIN) && (time_out>0) )
time_out--;
if (time_out>0)
TS_Calibration();
GL_Clear(GL_White);
...
/* Check if Calibration has been done*/
TS_CheckCalibration();
/*Initialize cursor*/
GL_Clear(White);
CursorInit(GL_NULL);
/* Menu Initialization*/
Show_Menu();
CursorShow( LCD_Height/2, LCD_Width/2 );
/* Infinite main loop ------------------------------------------------------*/
while (1)
{
/* Catching touch events */
if ( calibration_done )
{
ProcessInputData ();
}
/*Time out calculate for power saving mode*/
TimeOutCalculate();
CursorReadJoystick(POLLING_MODE);
TSC_Read();
}
}
The initialization process is in charge of preparing the basic mechanism of the system. The
clock distribution and the interrupt settings are two components that are strongly dependent
on the target project. An example of clock rate may be 72 MHz as the maximum speed of
the current STM32 microcontroller. It can be decreased to reduce the power consumption.
Special attention should be paid to the SysTick counter and its related delay routine which
generates a variable time latency in multiples of 10 ms. The clock rate assumptions are:
●
System HCLK - 72 MHz
●
Low speed peripheral PCLK1 - 36 MHz
●
High speed peripheral PCLK2 - 72 MHz
The interrupt setting situation is very similar to clock distribution. The library functions
involved with interrupt managing do not take care of the priorities, they only perform very



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com