Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 68 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 64Page - STMicroelectronics AN3128 Datasheet HTML 65Page - STMicroelectronics AN3128 Datasheet HTML 66Page - STMicroelectronics AN3128 Datasheet HTML 67Page - STMicroelectronics AN3128 Datasheet HTML 68Page - STMicroelectronics AN3128 Datasheet HTML 69Page - STMicroelectronics AN3128 Datasheet HTML 70Page - STMicroelectronics AN3128 Datasheet HTML 71Page - STMicroelectronics AN3128 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
68/105
Doc ID 16918 Rev 5
pTscParam->TSC_Gpio_Port
= TSC_GPIO_PORT;
pTscParam->TSC_Gpio_Pin
= TSC_GPIO_PIN;
pTscParam->TSC_DeviceRegister
= TSC_I2C_DEVICE_REGISTER;
pTscParam->TSC_Bus_Port
= TSC_I2C_PORT;
}
4.3.5
Joystick:: pJoyParam API properties
JoyHal.c exports the following public structure variable:
JOY_HW_Parameters_TypeDef* pJoyParam; /*Joystick Hardware Parameters Structure */
pJoyHwParam properties allow setting the hardware communication parameters (Bus GPIO
port, GPIO pins).
●
JOY_PortSource selects the GPIO port to be used as source for event output for the
joystick
●
JOY_PinSource is the GPIO pin for the event output
●
JOY_Select_Port selects the GPIO port to be used for the select command on the
joystick
●
JOY_Select_Pin selects the GPIO pin to be used for the select command on the
joystick
●
JOY_Right_Port selects the GPIO port to be used for the right command on the joystick
●
JOY_Right_Pin selects the GPIO pin to be used for the right command on the joystick
●
JOY_Left_Port selects the GPIO port to be used for the left command on the joystick
●
JOY_Left_Pin selects the GPIO pin to be used for the left command on the joystick
●
JOY_Up_Port selects the GPIO port to be used for the up command on the joystick
●
JOY_Up_Pin selects the GPIO pin to be used for the up command on the joystick
●
JOY_Down_Port selects the GPIO port to be used for the down command on the
joystick
●
JOY_Down_Pin selects the GPIO pin to be used for the down command on the joystick
●
JOY_Rcc_APBPeriph_GpioSel selects the APB peripheral bus that gates the select
port of the joystick
●
JOY_Rcc_APBPeriph_GpioRight selects the APB peripheral bus that gates the right
port of the joystick
●
JOY_Rcc_APBPeriph_GpioLeft selects the APB peripheral bus that gates the left port
of the joystick
●
JOY_Rcc_APBPeriph_GpioUp selects the APB peripheral bus that gates the up port of
the joystick
●
JOY_Rcc_APBPeriph_GpioDown selects the APB peripheral bus that gates the down
port of the joystick
●
JOY_Exti_IrqChannel selects the external line interrupts
●
JOY_Exti_Line selects the external interrupt line which the joystick is connected to
●
JOY_DeviceRegister if the joystick is connected to an IO expander (i.e. STMPE811) it
selects the STMPE811 device if, for example, two STMPE811s are connected to be
used as the IO expander.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com