Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 52 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 48Page - STMicroelectronics PM0056 Datasheet HTML 49Page - STMicroelectronics PM0056 Datasheet HTML 50Page - STMicroelectronics PM0056 Datasheet HTML 51Page - STMicroelectronics PM0056 Datasheet HTML 52Page - STMicroelectronics PM0056 Datasheet HTML 53Page - STMicroelectronics PM0056 Datasheet HTML 54Page - STMicroelectronics PM0056 Datasheet HTML 55Page - STMicroelectronics PM0056 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 156 page
background image
The Cortex-M3 instruction set
PM0056
52/156
DocID15491 Rev 5
3.3.2
Restrictions when using PC or SP
Many instructions have restrictions on whether you can use the program counter (PC) or
stack pointer (SP) for the operands or destination register. See instruction descriptions for
more information.
Bit[0] of any address written to the PC with a BX, BLX, LDM, LDR, or POP instruction must
be 1 for correct execution, because this bit indicates the required instruction set, and the
Cortex-M3 processor only supports thumb instructions.
3.3.3
Flexible second operand
Many general data processing instructions have a flexible second operand. This is shown
as operand2 in the descriptions of the syntax of each instruction.
Operand2 can be a:
•
Constant
•
Register with optional shift
Constant
You specify an operand2 constant in the form #constant, where constant can be:
•
Any constant that can be produced by shifting an 8-bit value left by any number of bits
within a 32-bit word.
•
Any constant of the form 0x00XY00XY
•
Any constant of the form 0xXY00XY00
•
Any constant of the form 0xXYXYXYXY
In the constants shown above, X and Y are hexadecimal digits.
In addition, in a small number of instructions, constant can take a wider range of values.
These are described in the individual instruction descriptions.
When an operand2 constant is used with the instructions MOVS, MVNS, ANDS, ORRS,
ORNS, EORS, BICS, TEQ or TST, the carry flag is updated to bit[31] of the constant, if the
constant is greater than 255 and can be produced by shifting an 8-bit value. These
instructions do not affect the carry flag if operand2 is any other constant.
Instruction substitution
Your assembler might be able to produce an equivalent instruction in cases where you
specify a constant that is not permitted. For example, an assembler might assemble the
instruction CMP Rd, #0xFFFFFFFE as the equivalent instruction CMN Rd, #0x2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com