Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 22Page - STMicroelectronics PM0056 Datasheet HTML 23Page - STMicroelectronics PM0056 Datasheet HTML 24Page - STMicroelectronics PM0056 Datasheet HTML 25Page - STMicroelectronics PM0056 Datasheet HTML 26Page - STMicroelectronics PM0056 Datasheet HTML 27Page - STMicroelectronics PM0056 Datasheet HTML 28Page - STMicroelectronics PM0056 Datasheet HTML 29Page - STMicroelectronics PM0056 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
The Cortex-M3 processor
PM0056
26/156
DocID15491 Rev 5
2.2.2
Memory system ordering of memory accesses
For most memory accesses caused by explicit memory access instructions, the memory
system does not guarantee that the order in which the accesses complete matches the
program order of the instructions, providing this does not affect the behavior of the
instruction sequence. Normally, if correct program execution depends on two memory
accesses completing in program order, software must insert a memory barrier instruction
between the memory access instructions, see Section 2.2.4: Software ordering of memory
accesses on page 27.
However, the memory system does guarantee some ordering of accesses to Device and
Strongly-ordered memory. For two memory access instructions A1 and A2, if A1 occurs
before A2 in program order, the ordering of the memory accesses caused by two
instructions is:
2.2.3
Behavior of memory accesses
The behavior of accesses to each region in the memory map is:
Table 11. Ordering of memory accesses(1)
1. - means that the memory system does not guarantee the ordering of the accesses.
< means that accesses are observed in program order, that is, A1 is always observed before A2.
A1
A2
Normal access
Device access
Strongly ordered
access
Non-shareable
Shareable
Normal access
-
-
-
-
Device access,
non-shareable
-<
-
<
Device access, shareable
-
-
<
<
Strongly ordered access
-
<
<
<
Table 12. Memory access behavior
Address
range
Memory
region
Memory
type
XN
Description
0x00000000- 0x1FFFFFFF Code
Normal(1)
-
Executable region for program code.
You can also put data here.
0x20000000- 0x3FFFFFFF SRAM
Normal(1)
-
Executable region for data. You can
also put code here.
This region includes bit band and bit
band alias areas, see Table 13 on
page 28.
0x40000000- 0x5FFFFFFF Peripheral
Device(1)
XN(1)
This region includes bit band and bit
band alias areas, see Table 14 on
page 28.
0x60000000- 0x9FFFFFFF
External
RAM
Normal(1)
-
Executable region for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com