Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics PM0056 Datasheet HTML 14Page - STMicroelectronics PM0056 Datasheet HTML 15Page - STMicroelectronics PM0056 Datasheet HTML 16Page - STMicroelectronics PM0056 Datasheet HTML 17Page - STMicroelectronics PM0056 Datasheet HTML 18Page - STMicroelectronics PM0056 Datasheet HTML 19Page - STMicroelectronics PM0056 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 156 page
background image
The Cortex-M3 processor
PM0056
16/156
DocID15491 Rev 5
Program status register
The Program Status Register (PSR) combines:
•
Application Program Status Register (APSR)
•
Interrupt Program Status Register (IPSR)
•
Execution Program Status Register (EPSR)
These registers are mutually exclusive bitfields in the 32-bit PSR. The bit assignments are
as shown in Figure 3 and Figure 4.
Figure 3. APSR, IPSR and EPSR bit assignments
Figure 4. PSR bit assignments
Access these registers individually or as a combination of any two or all three registers,
using the register name as an argument to the MSR or MRS instructions. For example:
•
Read all of the registers using PSR with the MRS instruction
•
Write to the APSR using APSR with the MSR instruction.
The PSR combinations and attributes are:
See the instruction descriptions MRS on page 100 and MSR on page 101 for more
information about how to access the program status registers.
Table 3. PSR register combinations
Register
Type
Combination
PSR
read-write(1), (2)
1. The processor ignores writes to the IPSR bits.
2. Reads of the EPSR bits return zero, and the processor ignores writes to the these bits
APSR, EPSR, and IPSR
IEPSR
read-only
EPSR and IPSR
IAPSR
read-write(1)
APSR and IPSR
EAPSR
read-write(2)
APSR and EPSR
25 24 23
Reserved
ISR_NUMBER
31 30 29 28 27
NZC V
0
Reserved
APSR
IPSR
EPSR
Reserved
Reserved
26
16 15
10 9
Reserved
ICI/IT
ICI/IT
T
Q
8
N
31 30 29 28 27 26 25 24 23
16 15
10 9 8
0
Z C V Q ICI/IT T
Reserved
ICI/IT
ISR_NUMBER
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com