Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 53 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 49Page - STMicroelectronics PM0056 Datasheet HTML 50Page - STMicroelectronics PM0056 Datasheet HTML 51Page - STMicroelectronics PM0056 Datasheet HTML 52Page - STMicroelectronics PM0056 Datasheet HTML 53Page - STMicroelectronics PM0056 Datasheet HTML 54Page - STMicroelectronics PM0056 Datasheet HTML 55Page - STMicroelectronics PM0056 Datasheet HTML 56Page - STMicroelectronics PM0056 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
DocID15491 Rev 5
53/156
PM0056
The Cortex-M3 instruction set
Register with optional shift
An operand2 register is specified in the form Rm {, shift}, where:
Rm is the register holding the data for the second operand
Shift is an optional shift to be applied to Rm. It can be one of:
ASR #n: Arithmetic shift right n bits, 1
≤ n ≤ 32
LSL #n: Logical shift left n bits, 1
≤ n ≤ 31
LSR #n: Logical shift right n bits, 1
≤ n ≤ 32
ROR #n: Rotate right n bits, 1
≤ n ≤ 31
RRX: Rotate right one bit, with extend
—: If omitted, no shift occurs, equivalent to LSL #0
If you omit the shift, or specify LSL #0, the instruction uses the value in Rm.
If you specify a shift, the shift is applied to the value in Rm, and the resulting 32-bit value is
used by the instruction. However, the contents in the register Rm remains unchanged.
Specifying a register with shift also updates the carry flag when used with certain
instructions. For information on the shift operations and how they affect the carry flag, see
Shift operations.
3.3.4
Shift operations
Register shift operations move the bits in a register left or right by a specified number of bits,
the shift length. Register shift can be performed:
Directly by the instructions ASR, LSR, LSL, ROR, and RRX. The result is written to a
destination register.
During the calculation of operand2 by the instructions that specify the second operand
as a register with shift (see Flexible second operand on page 52). The result is used by
the instruction.
The permitted shift lengths depend on the shift type and the instruction (see the individual
instruction description or Flexible second operand). If the shift length is 0, no shift occurs.
Register shift operations update the carry flag except when the specified shift length is 0.
The following sub-sections describe the various shift operations and how they affect the
carry flag. In these descriptions, Rm is the register containing the value to be shifted, and n is
the shift length.
ASR
Arithmetic shift right by n bits moves the left-hand 32-n bits of the register Rm, to the right by
n places, into the right-hand 32-n bits of the result. And it copies the original bit[31] of the
register into the left-hand n bits of the result (see Figure 13: ASR#3 on page 54).
You can use the ASR #n operation to divide the value in the register Rm by 2n, with the result
being rounded towards negative-infinity.
When the instruction is ASRS or when ASR #n is used in operand2 with the instructions
MOVS, MVNS, ANDS, ORRS, ORNS, EORS, BICS, TEQ or TST, the carry flag is updated
to the last bit shifted out, bit[n-1], of the register Rm.
Note:
1
If n is 32 or more, all the bits in the result are set to the value of bit[31] of Rm.
2
If n is 32 or more and the carry flag is updated, it is updated to the value of bit[31] of Rm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com