Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 77Page - STMicroelectronics PM0056 Datasheet HTML 78Page - STMicroelectronics PM0056 Datasheet HTML 79Page - STMicroelectronics PM0056 Datasheet HTML 80Page - STMicroelectronics PM0056 Datasheet HTML 81Page - STMicroelectronics PM0056 Datasheet HTML 82Page - STMicroelectronics PM0056 Datasheet HTML 83Page - STMicroelectronics PM0056 Datasheet HTML 84Page - STMicroelectronics PM0056 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 156 page
background image
DocID15491 Rev 5
81/156
PM0056
The Cortex-M3 instruction set
Restrictions
Rd must be neither SP nor PC.
Condition flags
This instruction does not change the flags.
Examples
MOVTR3, #0xF123; write 0xF123 to upper halfword of R3, lower halfword
; and APSR are unchanged
3.5.8
REV, REV16, REVSH, and RBIT
Reverse bytes and reverse bits.
Syntax
op{cond} Rd, Rn
where:
•
‘op’ is one of:
REV: Reverse byte order in a word
REV16: Reverse byte order in each halfword independently
REVSH: Reverse byte order in the bottom halfword, and sign extends to 32 bits
RBIT: Reverse the bit order in a 32-bit word
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rd’ is the destination register
•
‘Rn’ is the register holding the operand
Operation
Use these instructions to change endianness of data:
•
REV: Converts 32-bit big-endian data into little-endian data or 32-bit little-endian data
into big-endian data.
•
REV16: Converts 16-bit big-endian data into little-endian data or 16-bit little-endian data
into big-endian data.
•
REVSH: Converts either:
–
16-bit signed big-endian data into 32-bit signed little-endian data
–
16-bit signed little-endian data into 32-bit signed big-endian data
Restrictions
Do not use either SP or PC.
Condition flags
These instructions do not change the flags.
Examples
REVR3, R7; reverse byte order of value in R7 and write it to R3
REV16 R0, R0; reverse byte order of each 16-bit halfword in R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com