Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 24Page - STMicroelectronics PM0056 Datasheet HTML 25Page - STMicroelectronics PM0056 Datasheet HTML 26Page - STMicroelectronics PM0056 Datasheet HTML 27Page - STMicroelectronics PM0056 Datasheet HTML 28Page - STMicroelectronics PM0056 Datasheet HTML 29Page - STMicroelectronics PM0056 Datasheet HTML 30Page - STMicroelectronics PM0056 Datasheet HTML 31Page - STMicroelectronics PM0056 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 156 page
background image
The Cortex-M3 processor
PM0056
28/156
DocID15491 Rev 5
that if the exception is taken immediately after being enabled the processor uses the
new exception vector.
•
Self-modifying code. If a program contains self-modifying code, use an ISB
instruction immediately after the code modification in the program. This ensures
subsequent instruction execution uses the updated program.
•
Memory map switching. If the system contains a memory map switching mechanism,
use a DSB instruction after switching the memory map in the program. This ensures
subsequent instruction execution uses the updated memory map.
•
Dynamic exception priority change. When an exception priority has to change when
the exception is pending or active, use DSB instructions after the change. This ensures
the change takes effect on completion of the DSB instruction.
•
Using a semaphore in multi-master system. If the system contains more than one
bus master, for example, if another processor is present in the system, each processor
must use a DMB instruction after any semaphore instructions, to ensure other bus
masters see the memory transactions in the order in which they were executed.
Memory accesses to Strongly-ordered memory, such as the system control block, do not
require the use of DMB instructions.
2.2.5
Bit-banding
A bit-band region maps each word in a bit-band alias region to a single bit in the bit-band
region. The bit-band regions occupy the lowest 1 MB of the SRAM and peripheral memory
regions.
The memory map has two 32 MB alias regions that map to two 1 MB bit-band regions:
•
Accesses to the 32 MB SRAM alias region map to the 1 MB SRAM bit-band region, as
shown in Table 13
•
Accesses to the 32 MB peripheral alias region map to the 1 MB peripheral bit-band
region, as shown in Table 14.
Table 13. SRAM memory bit-banding regions
Address
range
Memory
region
Instruction and data accesses
0x20000000-
0x200FFFFF
SRAM bit-band region
Direct accesses to this memory range behave as SRAM memory
accesses, but this region is also bit addressable through bit-band alias.
0x22000000-
0x23FFFFFF
SRAM bit-band alias
Data accesses to this region are remapped to bit band region. A write
operation is performed as read-modify-write. Instruction accesses are not
remapped.
Table 14. Peripheral memory bit-banding regions
Address
range
Memory
region
Instruction and data accesses
0x40000000-
0x400FFFFF
Peripheral
bit-band region
Direct accesses to this memory range behave as peripheral memory
accesses, but this region is also bit addressable through bit-band
alias.
0x42000000-
0x43FFFFFF
Peripheral
bit-band alias
Data accesses to this region are remapped to bit-band region. A write
operation is performed as read-modify-write. Instruction accesses are
not permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com