Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 29Page - STMicroelectronics PM0056 Datasheet HTML 30Page - STMicroelectronics PM0056 Datasheet HTML 31Page - STMicroelectronics PM0056 Datasheet HTML 32Page - STMicroelectronics PM0056 Datasheet HTML 33Page - STMicroelectronics PM0056 Datasheet HTML 34Page - STMicroelectronics PM0056 Datasheet HTML 35Page - STMicroelectronics PM0056 Datasheet HTML 36Page - STMicroelectronics PM0056 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 156 page
background image
DocID15491 Rev 5
33/156
PM0056
The Cortex-M3 processor
2.3
Exception model
This section describes the exception model.
2.3.1
Exception states
Each exception is in one of the following states:
2.3.2
Exception types
The exception types are:
Inactive
The exception is not active and not pending.
Pending
The exception is waiting to be serviced by the processor. An
interrupt request from a peripheral or from software can change
the state of the corresponding interrupt to pending.
Active
An exception that is being serviced by the processor but has not
completed.
Note: An exception handler can interrupt the execution of another
exception handler. In this case both exceptions are in the active
state.
Active and pending
The exception is being serviced by the processor and there is a
pending exception from the same source.
Reset
Reset is invoked on power up or a warm reset. The exception model
treats reset as a special form of exception. When reset is asserted,
the operation of the processor stops, potentially at any point in an
instruction. When reset is deasserted, execution restarts from the
address provided by the reset entry in the vector table. Execution
restarts as privileged execution in Thread mode.
NMI
A NonMaskable Interrupt (NMI) can be signalled by a peripheral or
triggered by software. This is the highest priority exception other
than reset. It is permanently enabled and has a fixed priority of -2.
NMIs cannot be:
•
Masked or prevented from activation by any other exception
•
Preempted by any exception other than Reset.
Hard fault
A hard fault is an exception that occurs because of an error during
exception processing, or because an exception cannot be managed
by any other exception mechanism. Hard faults have a fixed priority
of -1, meaning they have higher priority than any exception with
configurable priority.
Memory management
fault
A memory management fault is an exception that occurs because of
a memory protection related fault. The fixed memory protection
constraints determines this fault, for both instruction and data
memory transactions. This fault is used to abort instruction accesses
to Execute Never (XN) memory regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com