Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 75 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 71Page - STMicroelectronics PM0056 Datasheet HTML 72Page - STMicroelectronics PM0056 Datasheet HTML 73Page - STMicroelectronics PM0056 Datasheet HTML 74Page - STMicroelectronics PM0056 Datasheet HTML 75Page - STMicroelectronics PM0056 Datasheet HTML 76Page - STMicroelectronics PM0056 Datasheet HTML 77Page - STMicroelectronics PM0056 Datasheet HTML 78Page - STMicroelectronics PM0056 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
DocID15491 Rev 5
75/156
PM0056
The Cortex-M3 instruction set
Multiword values do not have to use consecutive registers. Specific example 5: 96-bit
subtraction shows instructions that subtract a 96-bit integer contained in R9, R1, and R11
from another contained in R6, R2, and R8. The example stores the result in R6, R9, and R2.
Specific example 5: 96-bit subtraction
SUBSR6, R6, R9; subtract the least significant words
SBCSR9, R2, R1; subtract the middle words with carry
SBCR2, R8, R11; subtract the most significant words with carry
3.5.2
AND, ORR, EOR, BIC, and ORN
Logical AND, OR, exclusive OR, bit clear, and OR NOT.
Syntax
op{S}{cond} {Rd,} Rn, Operand2
where:
•
‘op’ is one of:
AND: Logical AND
ORR: Logical OR or bit set
EOR: Logical exclusive OR
BIC: Logical AND NOT or bit clear
ORN: Logical OR NOT
•
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 57).
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rd’ is the destination register
•
‘Rn’ is the register holding the first operand
•
‘Operand2’ is a flexible second operand (see Flexible second operand on page 52 for
details of the options).
Operation
The AND, EOR, and ORR instructions perform bitwise AND, exclusive OR, and OR
operations on the values in Rn and operand2.
The BIC instruction performs an AND operation on the bits in Rn with the complements of
the corresponding bits in the value of operand2.
The ORN instruction performs an OR operation on the bits in Rn with the complements of
the corresponding bits in the value of operand2.
Restrictions
Do not use either SP or PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com