Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 15Page - STMicroelectronics PM0056 Datasheet HTML 16Page - STMicroelectronics PM0056 Datasheet HTML 17Page - STMicroelectronics PM0056 Datasheet HTML 18Page - STMicroelectronics PM0056 Datasheet HTML 19Page - STMicroelectronics PM0056 Datasheet HTML 20Page - STMicroelectronics PM0056 Datasheet HTML 21Page - STMicroelectronics PM0056 Datasheet HTML 22Page - STMicroelectronics PM0056 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 156 page
background image
DocID15491 Rev 5
19/156
PM0056
The Cortex-M3 processor
Execution program status register
The EPSR contains the Thumb state bit, and the execution state bits for either the:
•
If-Then (IT) instruction
•
Interruptible-Continuable Instruction (ICI) field for an interrupted load multiple or store
multiple instruction.
See the register summary in Table 2 on page 14 for the EPSR attributes. The bit
assignments are:
Attempts to read the EPSR directly through application software using the MSR instruction
always return zero. Attempts to write the EPSR using the MSR instruction in application
software are ignored. Fault handlers can examine EPSR value in the stacked PSR to
indicate the operation that is at fault. See Section 2.3.7: Exception entry and return on
page 38
Interruptible-continuable instructions
When an interrupt occurs during the execution of an LDM or STM instruction, the processor:
•
Stops the load multiple or store multiple instruction operation temporarily
•
Stores the next register operand in the multiple operation to EPSR bits[15:12].
After servicing the interrupt, the processor:
•
Returns to the register pointed to by bits[15:12]
•
Resumes execution of the multiple load or store instruction.
When the EPSR holds ICI execution state, bits[26:25,11:10] are zero.
If-Then block
The If-Then block contains up to four instructions following a 16-bit IT instruction. Each
instruction in the block is conditional. The conditions for the instructions are either all the
same, or some can be the inverse of others. See IT on page 94 for more information.
Exception mask registers
The exception mask registers disable the handling of exceptions by the processor. Disable
exceptions where they might impact on timing critical tasks.
Table 6. EPSR bit definitions
Bits
Description
Bits 31:27
Reserved.
Bits 26:25, 15:10
ICI: Interruptible-continuable instruction bits
See Interruptible-continuable instructions on page 19.
Bits 26:25, 15:10
IT: Indicates the execution state bits of the IT instruction, see
IT on page 94.
Bit 24
Always set to 1.
Bits 23:16
Reserved.
Bits 9:0]
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com