Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 76Page - STMicroelectronics PM0056 Datasheet HTML 77Page - STMicroelectronics PM0056 Datasheet HTML 78Page - STMicroelectronics PM0056 Datasheet HTML 79Page - STMicroelectronics PM0056 Datasheet HTML 80Page - STMicroelectronics PM0056 Datasheet HTML 81Page - STMicroelectronics PM0056 Datasheet HTML 82Page - STMicroelectronics PM0056 Datasheet HTML 83Page - STMicroelectronics PM0056 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 156 page
background image
The Cortex-M3 instruction set
PM0056
80/156
DocID15491 Rev 5
Restrictions
You can use SP and PC only in the MOV instruction, with the following restrictions:
•
The second operand must be a register without shift
•
You must not specify the S suffix
When Rd is PC in a MOV instruction:
•
bit[0] of the value written to the PC is ignored
•
A branch occurs to the address created by forcing bit[0] of that value to 0.
Note:
Though it is possible to use MOV as a branch instruction, ARM strongly recommends the use
of a BX or BLX instruction to branch for software portability to the ARM instruction set.
Condition flags
If S is specified, these instructions:
•
Update the N and Z flags according to the result
•
Can update the C flag during the calculation of operand2 (see Flexible second operand
on page 52).
•
Do not affect the V flag
Example
MOVSR11, #0x000B; write value of 0x000B to R11, flags get updated
MOVR1, #0xFA05; write value of 0xFA05 to R1, flags are not updated
MOVSR10, R12; write value in R12 to R10, flags get updated
MOVR3, #23; write value of 23 to R3
MOVR8, SP; write value of stack pointer to R8
MVNSR2, #0xF; write value of 0xFFFFFFF0 (bitwise inverse of 0xF)
; to the R2 and update flags
3.5.7
MOVT
Move top.
Syntax
MOVT{cond} Rd, #imm16
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rd’ is the destination register
•
‘imm16’ is a 16-bit immediate constant
Operation
MOVT writes a 16-bit immediate value, imm16, to the top halfword, Rd[31:16], of its
destination register. The write does not affect Rd[15:0].
The MOV, MOVT instruction pair enables you to generate any 32-bit constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com