Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 37Page - STMicroelectronics PM0056 Datasheet HTML 38Page - STMicroelectronics PM0056 Datasheet HTML 39Page - STMicroelectronics PM0056 Datasheet HTML 40Page - STMicroelectronics PM0056 Datasheet HTML 41Page - STMicroelectronics PM0056 Datasheet HTML 42Page - STMicroelectronics PM0056 Datasheet HTML 43Page - STMicroelectronics PM0056 Datasheet HTML 44Page - STMicroelectronics PM0056 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 156 page
background image
DocID15491 Rev 5
41/156
PM0056
The Cortex-M3 processor
2.4.2
Fault escalation and hard faults
All faults exceptions except for hard fault have configurable exception priority, see System
handler priority registers (SHPRx) on page 138. Software can disable execution of the
handlers for these faults, see System handler control and state register (SCB_SHCSR) on
page 140.
Usually, the exception priority, together with the values of the exception mask registers,
determines whether the processor enters the fault handler, and whether a fault handler can
preempt another fault handler. as described in Section 2.3: Exception model on page 33.
In some situations, a fault with configurable priority is treated as a hard fault. This is called
priority escalation, and the fault is described as escalated to hard fault. Escalation to hard
fault occurs when:
•
A fault handler causes the same kind of fault as the one it is servicing. This escalation
to hard fault occurs because a fault handler cannot preempt itself because it must have
the same priority as the current priority level.
•
A fault handler causes a fault with the same or lower priority as the fault it is servicing.
This is because the handler for the new fault cannot preempt the currently executing
fault handler.
•
An exception handler causes a fault for which the priority is the same as or lower than
the currently executing exception.
•
A fault occurs and the handler for that fault is not enabled.
If a bus fault occurs during a stack push when entering a bus fault handler, the bus fault
does not escalate to a hard fault. This means that if a corrupted stack causes a fault, the
fault handler executes even though the stack push for the handler failed. The fault handler
operates but the stack contents are corrupted.
Only Reset and NMI can preempt the fixed priority hard fault. A hard fault can preempt any
exception other than Reset, NMI, or another hard fault.
Bus error:
Bus fault
--
During exception stacking
STKERR
Configurable fault status register
(SCB_CFSR) on page 142
During exception unstacking
UNSTKERR
During instruction prefetch
IBUSERR
Precise data bus error
PRECISERR
Imprecise data bus error
IMPRECISERR
Attempt to access a coprocessor
Usage fault
NOCP
Configurable fault status register
(SCB_CFSR) on page 142
Undefined instruction
UNDEFINSTR
Attempt to enter an invalid
instruction set state(1)
INVSTATE
Invalid EXC_RETURN value
INVPC
Illegal unaligned load or store
UNALIGNED
Divide By 0
DIVBYZERO
1. Attempting to use an instruction set other than the Thumb instruction set.
Table 18. Faults (continued)
Fault
Handler
Bit name
Fault status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com