Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 27Page - STMicroelectronics PM0056 Datasheet HTML 28Page - STMicroelectronics PM0056 Datasheet HTML 29Page - STMicroelectronics PM0056 Datasheet HTML 30Page - STMicroelectronics PM0056 Datasheet HTML 31Page - STMicroelectronics PM0056 Datasheet HTML 32Page - STMicroelectronics PM0056 Datasheet HTML 33Page - STMicroelectronics PM0056 Datasheet HTML 34Page - STMicroelectronics PM0056 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 156 page
background image
DocID15491 Rev 5
31/156
PM0056
The Cortex-M3 processor
2.2.7
Synchronization primitives
The Cortex-M3 instruction set includes pairs of synchronization primitives. These provide a
non-blocking mechanism that a thread or process can use to obtain exclusive access to a
memory location. Software can use them to perform a guaranteed read-modify-write
memory update sequence, or for a semaphore mechanism.
A pair of synchronization primitives comprises:
The pairs of Load-Exclusive and Store-Exclusive instructions are:
The word instructions LDREX and STREX
The halfword instructions LDREXH and STREXH
The byte instructions LDREXB and STREXB.
Software must use a Load-Exclusive instruction with the corresponding Store-Exclusive
instruction.
To perform a guaranteed read-modify-write of a memory location, software must:
1.
Use a Load-Exclusive instruction to read the value of the location.
2.
Update the value, as required.
3.
Use a Store-Exclusive instruction to attempt to write the new value back to the memory
location, and tests the returned status bit. If this bit is:
0: The read-modify-write completed successfully,
1: No write was performed. This indicates that the value returned at step 1 might
be out of date. The software must retry the read-modify-write sequence,
A Load-Exclusive instruction
Used to read the value of a memory location, requesting
exclusive access to that location.
A Store-Exclusive instruction
Used to attempt to write to the same memory location,
returning a status bit to a register. If this bit is:
0: it indicates that the thread or process gained
exclusive access to the memory, and the write
succeeds
1: it indicates that the thread or process did not gain
exclusive access to the memory, and no write is
performed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com