Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 87 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 83Page - STMicroelectronics PM0056 Datasheet HTML 84Page - STMicroelectronics PM0056 Datasheet HTML 85Page - STMicroelectronics PM0056 Datasheet HTML 86Page - STMicroelectronics PM0056 Datasheet HTML 87Page - STMicroelectronics PM0056 Datasheet HTML 88Page - STMicroelectronics PM0056 Datasheet HTML 89Page - STMicroelectronics PM0056 Datasheet HTML 90Page - STMicroelectronics PM0056 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
DocID15491 Rev 5
87/156
PM0056
The Cortex-M3 instruction set
3.7
Saturating instructions
This section describes the saturating instructions, SSAT and USAT.
3.7.1
SSAT and USAT
Signed saturate and unsigned saturate to any bit position, with optional shift before
saturating.
Syntax
op{cond} Rd, #n, Rm {, shift #s}
where:
•
‘op’ is one of the following:
SSAT: Saturates a signed value to a signed range
USAT: Saturates a signed value to an unsigned range
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rd’ is the destination register.
•
‘n’ specifies the bit position to saturate to:
n ranges from 1 to 32 for SSAT
n ranges from 0 to 31 for USAT
•
‘Rm’ is the register containing the value to saturate
•
‘shift #s’ is an optional shift applied to Rm before saturating. It must be one of the
following:
ASR #s where s is in the range 1 to 31
LSL #s where s is in the range 0 to 31
Operation
These instructions saturate to a signed or unsigned n-bit value.
The SSAT instruction applies the specified shift, then saturates to the signed range:
-2n–1
≤ x ≤ 2n–1-1.
The USAT instruction applies the specified shift, then saturates to the unsigned range:
0
≤ x ≤ 2n-1.
For signed n-bit saturation using SSAT, this means that:
•
If the value to be saturated is less than -2n-1, the result returned is -2n-1
•
If the value to be saturated is greater than 2n-1-1, the result returned is 2n-1-1
•
otherwise, the result returned is the same as the value to be saturated.
For unsigned n-bit saturation using USAT, this means that:
•
If the value to be saturated is less than 0, the result returned is 0
•
If the value to be saturated is greater than 2n-1, the result returned is 2n-1
•
Otherwise, the result returned is the same as the value to be saturated.
If the returned result is different from the value to be saturated, it is called saturation. If
saturation occurs, the instruction sets the Q flag to 1 in the APSR. Otherwise, it leaves the Q
flag unchanged. To clear the Q flag to 0, you must use the MSR instruction, see MSR on
page 101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com