Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 58Page - STMicroelectronics PM0056 Datasheet HTML 59Page - STMicroelectronics PM0056 Datasheet HTML 60Page - STMicroelectronics PM0056 Datasheet HTML 61Page - STMicroelectronics PM0056 Datasheet HTML 62Page - STMicroelectronics PM0056 Datasheet HTML 63Page - STMicroelectronics PM0056 Datasheet HTML 64Page - STMicroelectronics PM0056 Datasheet HTML 65Page - STMicroelectronics PM0056 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 156 page
background image
The Cortex-M3 instruction set
PM0056
62/156
DocID15491 Rev 5
Operation
LDR instructions load one or two registers with a value from memory. STR instructions store
one or two register values to memory.
Load and store instructions with immediate offset can use the following addressing modes:
•
Offset addressing
The offset value is added to or subtracted from the address obtained from the register
Rn. The result is used as the address for the memory access. The register Rn is
unaltered. The assembly language syntax for this mode is: [Rn, #offset].
•
Pre-indexed addressing
The offset value is added to or subtracted from the address obtained from the register
Rn. The result is used as the address for the memory access and written back into the
register Rn. The assembly language syntax for this mode is: [Rn, #offset]!
•
Post-indexed addressing
The address obtained from the register Rn is used as the address for the memory
access. The offset value is added to or subtracted from the address, and written back
into the register Rn. The assembly language syntax for this mode is: [Rn], #offset.
The value to load or store can be a byte, halfword, word, or two words. Bytes and halfwords
can either be signed or unsigned (see Address alignment on page 56).
Table 25 shows the range of offsets for immediate, pre-indexed and post-indexed forms.
Restrictions
•
For load instructions
–
Rt can be SP or PC for word loads only
–
Rt must be different from Rt2 for two-word loads
–
Rn must be different from Rt and Rt2 in the pre-indexed or post-indexed forms
•
When Rt is PC in a word load instruction
–
bit[0] of the loaded value must be 1 for correct execution
–
A branch occurs to the address created by changing bit[0] of the loaded value to 0
–
If the instruction is conditional, it must be the last instruction in the IT block
•
For store instructions
–
Rt can be SP for word stores only
–
Rt must not be PC
–
Rn must not be PC
–
Rn must be different from Rt and Rt2 in the pre-indexed or post-indexed forms
Table 25. Immediate, pre-indexed and post-indexed offset ranges
Instruction type
Immediate offset
Pre-indexed
Post-indexed
Word, halfword, signed
halfword, byte, or signed byte
-255 to 4095
-255 to 255
-255 to 255
Two words
Multiple of 4 in the
range -1020 to 1020
Multiple of 4 in the
range -1020 to 1020
Multiple of 4 in the
range -1020 to 1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com