Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 10Page - STMicroelectronics UM0225 Datasheet HTML 11Page - STMicroelectronics UM0225 Datasheet HTML 12Page - STMicroelectronics UM0225 Datasheet HTML 13Page - STMicroelectronics UM0225 Datasheet HTML 14Page - STMicroelectronics UM0225 Datasheet HTML 15Page - STMicroelectronics UM0225 Datasheet HTML 16Page - STMicroelectronics UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
2 Introduction to the CAPS user interface
UM0225
13/56
either use the default Project Name or enter a new name for your project. After a new
directory and project name are entered, click Open.
Note:
A project is saved to disk only after choosing one of the Save project menu options.
A valid project name,
–
Can have a maximum number of 45 characters.
–
Must begin with an alphanumeric character, an underscore (_) or a tilde (~). Names
are not case-sensitive.
–
Cannot include symbols or punctuation marks.
5.
For new projects, a target device must also be specified. Using the device list tree in the
Target Devices dialog, expand the tree until your target device appears, then click on the
device icon. A description of the device appears in the Device Overview window to the
right, and the name of the datasheet associated with the device appears in the Target
Devices line, above the device selection tree.
Available devices include all devices currently supported by CAPS software.
Figure 6.: Target device selection example shows an example in which the 128-pin
STR912FW44 device is selected.
Figure 6.
Target device selection example
2.3.2
Opening an existing project
Follow these steps to open an existing project.
1.
Use either the Open icon in the toolbar or the Project | Open Project ... menu item
(Figure 2.: Project menu) to open an existing project.
2.
In the Open Project dialog, use the Browse button to use the file browser to locate the
directory where your existing project file resides. The dialog displays the project file names
with extension .upj, as shown in Figure 7.: Open an existing project example. Click on the
desired file name, then click Open to open the file to display your previously saved project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com