Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics UM0225 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
43/56
Click the Library button to add non-ST devices to the chain.
Figure 43. Programming dialog for multiple devices
The edit windows contain default values for the current project.
Follow these steps for each device in the device programming chain.
1.
Click the Browse button to use the file browser to load a saved programming data (.obj)
file.
2.
After opening the programming data file, click the Add button to add the file to the JTAG
chain list window. Highlight a file in the list and click Delete to remove the file from the
listed. Highlight the device and click the Move scroll buttons to reorder the chain list.
Note: 1 The list device order must match the physically device order.
2 Device #1 should be the first device on the board that has its TDI pin connected to the JTAG/
ISP programmer.
3.
To change the device type, highlight the device in the device list, then select the desired
device type from the Select device drop-down menu. Click the Update button to apply the
change.
4.
To change the memory region of a device, highlight the device in the device list, then click
the Select region checkbox for the desired region. Multiple regions, including All, may be
checked. Click the Update button to apply the change.
Note:
Different regions can be specified for each device.
5.
Once the JTAG chain and device properties are defined, click the Execute button to
perform the selected programming operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com