Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics UM0225 Datasheet HTML 29Page - STMicroelectronics UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
29/56
3.5
View the GPIO pin assignment summary
The pin assignment summary dialog displays the current pin assignments as the assignments
are made, following the steps in Section 3.4: Specifying peripheral and GPIO pin assignment.
The dialog shows the default and user-defined pin assignments, which were assigned
according to resource availability.
Click the Pin Summary tab to graphically view the current pin assignments. Figure 26.: Pin
Summary tab shows the Pin Summary dialog.
Figure 26. Pin Summary tab
Use the horizontal and vertical scroll bars to view pins outside the display window.
Mnemonic pin names are shown for pins assigned in the Peripheral/Pin Assignment step.
Pins are color-coded according to the following legend.
Color
Description
Red
Voltage (VCC/VDD)
Dark blue
Ground (GND)
Light blue
Reserved; should not be used.
Light brown
Locked; cannot be assigned or unassigned.
Light cyan
Available pin; pin is available for assignment.
Dark cyan
Assigned pin; pin is used but can be unassigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com