Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics UM0225 Datasheet HTML 48Page - STMicroelectronics UM0225 Datasheet HTML 49Page - STMicroelectronics UM0225 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
45/56
A.2
End record
This end-of-file record also begins with the colon (:) start character and is followed by the byte
count (equal to “00”), the address (equal to “0000”), the record type (equal to “01”), and the
checksum, “FF.”
A.3
Extended segment address record
This is added to the offset to determine the absolute destination address. The address field for
this record must contain ASCII zeros (hexadecimal 30s). This record type defines Bits 4 to 19
of the segment base address; it can appear randomly, anywhere within the file and affects the
absolute memory address of subsequent data records in the file. The following example
illustrates how the extended segment address is used to determine a byte address.
Problem:
Find the address for the first data byte for the following file:
:02 0000 04 0010 EA
:02 0000 02 1230 BA
:10 0045 00 55AA FF ..... BC
Solution:
1.
Find the extended linear address offset for the data record (0010 in the example).
2.
Find the extended segment address offset for the data record (1230 in the example).
3.
Find the address offset for the data from the data record (0045 in the example).
4.
Calculate the absolute address for the first byte of the data record as follows:
00100000
Linear address offset, shifted left 16 bits
+
12300
Segment address offset, shifted left 4 bits
+
0045
Address offset from data record
________
00112345
32-bit address for first data byte
The address for the first data byte is 112345.
Note:
Always specify the address offset when using this format, even when the offset is zero.
During output translation, the firmware forces the record size to 16 (decimal) if the record size
is specified greater than 16. There is no such limitation for record sizes specified less than 16.
A.4
Extended linear address record
This record specifies bits 16–31 of the destination address for the data records that follow. This
address is added to the offset to determine the absolute destination address, and can appear
anywhere within the file. The address field for this record must contain ASCII zeros
(hexadecimal 30s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com