Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics UM0225 Datasheet HTML 48Page - STMicroelectronics UM0225 Datasheet HTML 49Page - STMicroelectronics UM0225 Datasheet HTML 50Page - STMicroelectronics UM0225 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
46/56
Appendix B Project Report
This is an example of a project report.
The report includes:
•
CAPS version, project name, location, description and target device
•
Design entry settings and configuration specifications
•
Peripheral/pin assignment
Sample report:
****************************************************************************
* Project file generated by CAPS Version x.xx - 3/20/2006 15:32:08
* Project Name
: Example
* Project Folder
: C:\uPSDsoft\Projects\Example
* Project Description
: This is an example
* Target Device
: STR912FW44X6
****************************************************************************
Voltage
=======
VDDQ LVD threshold voltage : 2.7 V
LVD reset option
: VDD or VDDQ
LVD warning option
: VDD or VDDQ
------------------------------------------------------------------------------
Clocks
======
Master clock source
: PLL
Main crystal frequency
: 25000000.00 Hz
Master clock frequency
: 96000000.00 Hz
M value of PLL
: 25
N value of PLL
: 192
P value of PLL
: 2
RClk divisor value
: 4
RClk frequency
: 24000000.00 Hz
HClk divisor value
: 1
HClk frequency
: 24000000.00 Hz
PClk divisor value
: 2
PClk frequency
: 12000000.00 Hz
FMI divisor value
: 1
FMI CLK frequency
: 24000000.00 Hz
------------------------------------------------------------------------------
Additional Setting
==================
At power up, CPU boot from
: Main Flash
JTAG user code
: 24689ADC
Device Security Protection
: Off
Sector Protection :
Main Flash
Protection Status
----------
-----------------
Sector 0
protected
Sector 1
unprotected
Sector 2
unprotected
Sector 3
unprotected
Sector 4
unprotected
Sector 5
unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com