Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 29Page - STMicroelectronics UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics UM0225 Datasheet HTML 35Page - STMicroelectronics UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
32/56
•
Firmware Placement
•
OTP Setting
These are discussed in detail in the following subsections.
At the bottom of the form is a Description window. This window displays useful information
corresponding to the current cursor location in any data entry window on the form. Click the
cursor in a data entry window to see the description for that window.
After completing all desired Configuration form entries, click the Apply button at the bottom of
the form to regenerate a new programming data file for the design.
3.6.1
Setting security
Setting the security bit blocks all access to the content of the device by means of JTAG or a
conventional programmer. Once the security bit is set, reading or copying the configuration or
memory contents of the device is disabled.
In the Security dialog, click the Enable security bit checkbox to enable security. Uncheck the
box do disable security.
Note:
The only way to override the security bit is to erase the entire device.
3.6.2
Power-up boot flash selection
This option, in the Boot Flash dialog, allows you to select the flash from which the CPU boots at
power up. Click the desired radio button to select either main flash or secondary flash.
3.6.3
Setting a JTAG/ISP user code
This option, in the JTAG/ISP dialog, allows you to enter a 32-bit code, which can be used for
various functions, such as programming-contents and revision-level identification.
Enter the JTAG/ISP User Code on the Configuration form, entering any 32-bit hexadecimal
value. The default value is FFFFFFFF.
3.6.4
Setting sector protection
Individual NVM segments within the device may be statically write-protected to prevent
accidental data loss.
Click the checkbox for the sector you wish to write-protect. Uncheck the box to disable
protection. Protection granularity is eight sectors in Main Flash and four sectors in Secondary
Flash.
3.6.5
Firmware placement
The firmware file may be located in main or secondary flash memory.
In the Firmware Placement dialog, enter the start and end hexadecimal addresses and the
firmware filename for the desired flash area.
3.6.6
Setting OTP programmable memory bytes
The OTP Settings dialog allows you to write values to and lock programmable memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com