Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics UM0225 Datasheet HTML 48Page - STMicroelectronics UM0225 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
44/56
Appendix A Intel hex-32 record format
The Intel 32-bit hexadecimal file record format has a 9-character (4-field) prefix that defines the
start of the record, byte count, load address, record type, and a 2-character checksum suffix.
The .hex file (Figure 44. illustrates the sample records of this format).
Figure 44. Intel 32-bit hexadecimal file format
Four record types are defined:
•
Data record
•
End record
•
Extended segment address record
•
Extended linear address record
A.1
Data record
This record begins with the colon (:) start character, which is followed by the byte count (in
hexadecimal notation), the address of the first data byte, and the record type (equal to “00”).
Following these are the data bytes. The checksum follows the data bytes and is the two’s
complement (in binary) of the preceding bytes in the record, including the byte count, address,
record type, and data bytes.
: 020000020000FC
Offset Address
Address
Start Character
Extended Segment Address Record
: 020000040010EA
Extended Linear Address Record
: 10000000FFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFF00
: 10001000FFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFF0
: 10002000FFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFE0
: 10003000FFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFD0
: 10004000FFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFFC0
: 00000001FF
End-of-File Record
Checksum
Record Type
Byte Count
LEGEND
Nonprinting Carriage Return, with optional line
feed and nulls determined by null count
Data
Records
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com