Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 16Page - STMicroelectronics UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics UM0225 Datasheet HTML 19Page - STMicroelectronics UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics UM0225 Datasheet HTML 23Page - STMicroelectronics UM0225 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
19/56
Figure 11. LVD Voltage tab
Click either the 2.4V or 2.7V LVD threshold radio button, as applicable.
3.3
Specifying the clock source and frequency
Click the Clocks tab for the following clocking options.
•
Specify the clock source and master clock frequency.
•
Specify the clock divisors.
•
Save clock settings in a C-header file.
Note:
The clock settings affect the Hardware Abstraction Layer (HAL) library so the capability is
provided to produce a C-header file to be included in your source code.
The following subsections discuss the clock configuration options in more detail.
3.3.1
Selecting the clock source and frequency
There are three clock source options available.
•
Main oscillator input clock (OSC)
•
PLL clock
•
RTC clock
Which clock source is selected affects which other clock configuration options are available.
Clicking the radio button associated with the desired clock source automatically displays the
configurable parameters, as describe below.
Note:
Typical system values are displayed as default values in the following dialogs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com