Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics UM0225 Datasheet HTML 35Page - STMicroelectronics UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
33/56
Thirty-two bytes of OTP memory can be programmed one time, only, through either the JTAG
programmer or by the CPU.
Note:
These bytes can never be altered once they are programmed.
Enter the hexadecimal value in the numbered byte location. Table 2.: Reserved OTP memory
bytes shows the reserved and recommended OTP memory usage.
Table 2.
Reserved OTP memory bytes
Setting the OTP lock bit disables any further writing to OTP memory. The lock bit, itself, is also
one-time programmable. If the OTP array is unlocked, it is always possible to write to an OTP
byte location that has not been written. It is never possible to change the value of an OTP byte
location if any one bit of the byte location was previously written.
Check the OTP Bit Lock checkbox to disable writes to OTP memory.
3.7
Validating and programming the target device
After completing the design of your project, you are ready to program the firmware into your
target device.
Before programming the device, perform the following steps.
1.
Set your default programming to use either Single device view or Multiple device view,
using the Project | Preferences menu selection shown in Figure 30.: Project preferences
dialog.
Figure 30. Project preferences dialog
Use single device view if there is only one device on your board. Use multiple device view
if multiple devices are daisy-chained. Click the radio button corresponding to the desired
view.
A JTAG chain is defined to be two or more JTAG-compliant, IEEE 1149.1 standard
devices connected together in a chain. Each device in the chain must support the four
basic JTAG signals: TDI, TDO, TCK and TMS.
The following JTAG chaining rules apply.
–
Different brands of chips must be set in “ByPass” operation and will require different
programming software.
‘Byte Number
Reserved/Recommended Usage
24-29
Ethernet MAC address
31
Mask identifier
32
Family identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com