Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
39/56
Figure 35. Create ATE File dialog
The description frame on the right of the dialog provides a context-sensitive help for the various
selection options.
1.
Click the OK button to accept the specified file format. A browser dialog window appears,
allowing you to enter the file name and directory location to save the file.
2.
Click the Save button. The file is saved to disk and “Successful ATE file creation ...”
displays in the output log.
3.7.4
Target hardware verification
Use the programming dialog to perform the following functions
•
Set the target hardware to an initial state.
•
Specify the type of communication link.
•
Perform loopback tests on the link and validate target board connectivity.
•
List the IDCODEs of all devices in the JTAG chain.
Click the HW Setup button to display the hardware setup dialog shown in Figure 36.: Hardware
setup dialog.
Note: 1 The target device and communication links must first be connected and powered, as described
in 1.2: Setting up the target hardware.
2 It is recommended that you reset the target device before performing these operations by
clicking the Reset Target button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com