Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 15Page - STMicroelectronics UM0225 Datasheet HTML 16Page - STMicroelectronics UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics UM0225 Datasheet HTML 19Page - STMicroelectronics UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics UM0225 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
18/56
3.1.4
Program device form
Click the Program Device design flow button to program your design into the target device.
Options are also available to calculate the file checksum, generate an SVF or JAM file, and
validate the target device. See Validating and programming the target device for a detailed
description on using this feature.
3.2
Specifying the LVD voltage
Click the LVD Voltage tab to select the LVD threshold voltage.
The STR91x requires separate operating voltage supplies. The CPU and memory operate from
at 1.65 to 2.0 volts on the VDD pins, and the I/O ring operates at 2.7 to 3.6 volts on the VDDQ
pins
Note: 1 Choose 2.4 volts LVD threshold voltage to go with a VDDQ of 2.7 to 3.3 volts.
2 Choose 2.7 volts LVD threshold voltage to go with a VDDQ of 3.0 to 3.6 volts.
3 If you to use USB, VDDQ of 3.3 volts is required to meet USB specifications. Select the 2.7 volt
LVD threshold voltage.
The dialog shown in Figure 11.: LVD Voltage tab, is used to select the desired LVD threshold
voltage.
Configuration
Use this form for additional design settings,
including setting security, selecting the power-up
boot flash, specifying a user code, setting the
internal memory sector protection, specifying OTP
memory programming, and your firmware
placement information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com