Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 17Page - STMicroelectronics UM0225 Datasheet HTML 18Page - STMicroelectronics UM0225 Datasheet HTML 19Page - STMicroelectronics UM0225 Datasheet HTML 20Page - STMicroelectronics UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics UM0225 Datasheet HTML 23Page - STMicroelectronics UM0225 Datasheet HTML 24Page - STMicroelectronics UM0225 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
20/56
Selecting the Main Oscillator input clock - 4 to 25 MHz external crystal, requires you to enter
the external crystal frequency, as shown in Figure 12.: Main oscillator clocks selection, step 1.
Figure 12. Main oscillator clocks selection, step 1
The frequency must be in the range from 4 to 25 MHz.
Note:
If the STR91x provides clock to the external Ethernet PHY interface device, the frequency must
be 25 MHz. Otherwise, a separate clock is needed for the PHY.
The PLL can be used to generate the desired master clock frequency used by the CPU and
various peripherals.
Note: 1 The maximum master clock output is 96 MHz.
2 When using USB, the master clock frequency should be either 48 MHz or 96 MHz, unless an
external USB clock is provided.
Selecting the PLL clock, requires you to enter the external crystal frequency and the PLL
frequency, as shown in Figure 13.: PLL clocks selection, step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com