Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics UM0225 Datasheet HTML 35Page - STMicroelectronics UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
36/56
Click the Properties... button to view the JTAG-ISP attributes. This displays the
configuration dialog shown in Figure 33.: JTAG-ISP attributes dialog.
Figure 33. JTAG-ISP attributes dialog
3.
Save or retrieve JTAG-ISP setup
To save the JTAG/ISP settings entered in the preceding steps, click the Save button. Use
the browser dialog to enter the file name and directory location.
This saves a JTAG Chain File with extension .jcf. Later, you may use the Browse button
to open the file to restore your current settings.
4.
Additional functions
If this is the first time programming the device, click the HW Setup button to set the target
device to a known state by select and validate the communication link. This operation is
discussed in detail in section 3.7.4: Target hardware verification.
Click the Checksum button to generate NVM checksums. This operation is discussed in
detail in section 3.7.2: Checksum the programming file.
Click the ATE file... button to generate ATE files. This operation is discussed in detail in
section 3.7.3: Generate ATE file.
Click Reset Target to reset the target device.
Click Assert Reset to hold the reset signal low. This toggle option provides a way to hold
the reset signal low, at the user’s discretion. When the option is selected, the reset signal
is continuously asserted. Click De-Assert Reset to release the reset signal.
3.7.1
JTAG-ISP operations
The following steps provide complete JTAG-ISP programming functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com