Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0225 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics UM0225 Datasheet HTML 48Page - STMicroelectronics UM0225 Datasheet HTML 49Page - STMicroelectronics UM0225 Datasheet HTML 50Page - STMicroelectronics UM0225 Datasheet HTML 51Page - STMicroelectronics UM0225 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
47/56
Sector 6
protected
Sector 7
protected
2nd
Flash
Protection Status
----------
-----------------
Sector 0
protected
Sector 1
protected
Sector 2
unprotected
Sector 3
unprotected
Firmware Setting
================
Main Flash start address
: 0
Main Flash end address
: 5FFF
File path for Main Flash
: C:\uPSDsoft\Projects\Example\MyCode.hex
OTP Setting
===========
OTP Content :
Byte >>
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data >>
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
Byte >>
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Data >>
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
OTP lock bit
: Off
------------------------------------------------------------------------------
Peripheral/Pin Assignment
===========================
Peripheral
Pin
Pin
Pin
Name
Name
Number
Function
-------
--------
------
--------
GPIO :
p9_1
47
GP I/O mode - Output (Push-Pull)
External DMA Request :
p3_0
55
External DMA Request 0
Embedded Trace Interface :
p0_0
67
ETM Packet 0
p0_1
69
ETM Packet 1
p0_2
71
ETM Packet 2
p0_3
76
ETM Packet 3
p0_4
78
ETM Pipe Stat 0
p0_5
85
ETM Pipe Stat 1
p0_6
88
ETM Pipe Stat 2
p0_7
90
ETM Trace Sync
p1_0
98
ETM External Trigger
p1_5
110
ETM Trace Clock
SSP0 :
p2_4
37
Master Clock Out
p2_5
45
Master Data Out
p2_6
53
Master Data In
p2_7
54
Master Select Out
UART0 :
p5_0
12
UART0 TxD
p5_1
18
UART0 RxD
I2C0 :
p1_4
109
I2C0 bus - Clock In
p1_6
114
I2C0 bus - Data Out
p1_4
109
I2C0 bus - Clock Out
p1_6
114
I2C0 bus - Data In
Timer0 :
p4_0
3
Timer 0 - Compare/PWM A
p4_1
2
Timer 0 - Capture B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com