Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 89 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 85Page - STMicroelectronics AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics AN3985 Datasheet HTML 89Page - STMicroelectronics AN3985 Datasheet HTML 90Page - STMicroelectronics AN3985 Datasheet HTML 91Page - STMicroelectronics AN3985 Datasheet HTML 92Page - STMicroelectronics AN3985 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
AN3985
Application example
Doc ID 022255 Rev 2
89/105
Figure 5 details these different steps.
Figure 5.
Test config procedure flowchart
8.1.4
ISO/IEC 15693 Protocol selection
Before beginning to communicate with a contactless tag, the RF protocol and its parameters
should be set. This step ensures that it is done before entering the main loop.
8.1.5
Tag hunting
The Tag Hunting function sends an inventory and a Get system Info command. The
contactless tag responses are stored into the MyTag15693 structure.
The inventory sent is an inventory 16 slots, therefore if several contactless tags answer the
command, then only one UID will be retrieved or potentially 16 structures will be needed.
The solution proposed and used in the inventory 16 slots is to store the UIDs retrieved into
the internal EEPROM of the STM8L. When the inventory is finished, the number of
contactless tags seen is available thanks to the
ISO15693_Inventory_16slots_Nb_UID_Retrieved variable.
Commands may be addressed to each tag seen individually. The procedure is exposed
using the Get System Info Command. If only one tag answers the inventory, its UID is stored
in the STM8L EEPROM, and on top of that the UID is written in the Tag structure.
MS19964V1
Start of Wait for interrupt mode
End of Wait for interrupt mode
Wake Up STM8L
STM8L timeout
= 5s ?
No
Yes
CR95HF Detect
a tag ?
No
Yes
Test communication
Ok ?
Yes
Wake Up CR95HF
Wake Up CR95HF
Wake Up STM8L
Put to sleep CR95HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com