Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics AN3985 Datasheet HTML 25Page - STMicroelectronics AN3985 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
CR95HF low level layer
AN3985
22/105
Doc ID 022255 Rev 2
4.3.2
Additional functions
CR95HF_SendEOF function
This function sends an EOF. This can be used for instance in an ISO/IEC 15693 inventory or
write command. Right after the EOF, the tag could answer a command (Write or Inventory),
so the response is received and written into the provided structure.
CR95HF_FieldOff function
This function switches off the RF Field using the protocol select command.
4.3.3
Low power mode functions
These functions send an idle command with some parameters forced into the function.
CR95HF_Hibernate function
This function sends an Hibernate command to CR95HF and turns the hibernate state on.
This is the lowest consumption state of CR95HF. Only a pulse on IRQ_IN pin can wake-up
the CR95HF.
Table 23.
CR95HF_SendEOF function description
Prototype
u8 CR95HF_SendEOF(CR95HF_ResponseReceiving* Response);
Input parameter
None
Output parameter
Response: pointer on the structure which will contain the Tag answer
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_CODE: The command failed.
Table 24.
CR95HF_FieldOff function description
Prototype
u8 CR95HF_FieldOff(CR95HF_Protocol_Config*
Protocol_Settings);
Input parameter
Protocol_Settings: structure to update
Output parameter
None
Return parameter
CR95HF_SUCCESS_CODE: The field was successfully turned off
CR95HF_ERROR_INVALID_PROTOCOL: The selected protocol is wrong.
CR95HF_ERROR_INVALID_CMD_LENGTH: The command length is invalid.
CR95HF_ERROR_CODE: The command failed
Table 25.
CR95HF_Hibernate function description
Prototype
u8 CR95HF_Hibernate (CR95HF_Idle_Config* Idle_Config);
Input parameter
None
Output parameter
Idle_Config: pointer on the structure which contains data about some idle
parameters to update.
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com