Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 44Page - STMicroelectronics AN3985 Datasheet HTML 45Page - STMicroelectronics AN3985 Datasheet HTML 46Page - STMicroelectronics AN3985 Datasheet HTML 47Page - STMicroelectronics AN3985 Datasheet HTML 48Page - STMicroelectronics AN3985 Datasheet HTML 49Page - STMicroelectronics AN3985 Datasheet HTML 50Page - STMicroelectronics AN3985 Datasheet HTML 51Page - STMicroelectronics AN3985 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 105 page
background image
ISO/IEC 15693 layer
AN3985
48/105
Doc ID 022255 Rev 2
ISO15693_Add_Request_Flags_Command_code_to_command function
This function adds the Request flags into the command's data and increments the counter
of data.
5.4.4
Is Functions
ISO15693_Is_ResponseFlags_noError_Detected function
This function checks if the response flag is set or not. If it is set, the contactless tag
encountered an error while performing the command.
.
ISO15693_Is_Request_Flags_ok function
This function performs several checks to verify that the request flag is not wrong. This is not
a guarantee that the request flag is right (depends on the contactless tag and on some
command particularities).
Table 71.
ISO15693_Add_Request_Flags_Command_code_to_command function
description
Prototype
Void
ISO15693_Add_Request_Flags_Command_code_to_command (
CR95HF_CommandSending* Cmd, u8* Cptr_ToIncrement,
const u8 Request_flags, const u8 Command_Code);
Input parameter
Cmd: pointer on the command to fill in
cptr_ToIncrement: pointer on the counter
Request_flags: request flag bytes to append
Output parameter
None
Return parameter
None
Table 72.
ISO15693_Is_ResponseFlags_noError_Detected function description
Prototype
u8 ISO15693_Is_ResponseFlags_noError_Detected(const
u8 ISO15693_Response_flags);
Input parameter
ISO15693_Response_flags: response flag provided by the tag
Output parameter
None
Return parameter
TRUE_CODE: The contactless tag handled the request.
FALSE_CODE: The contactless tag answered but the frame is an error
message.
Table 73.
ISO15693_Is_Request_Flags_ok function description
Prototype
u8 ISO15693_Is_Request_Flags_ok(u8 Request_flags, u8
ISO15693_cmd_code);
Input parameter
ISO15693_Response_flags: response flag provided by the tag
ISO15693_cmd_code: command code emitted to the contactless tag
Output parameter
None
Return parameter
FALSE_CODE: An error has been found out within the request flags.
TRUE_CODE: There is no error seen within the request flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com