Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
31/105
Table 41 describes the bit for Request flag if the inventory flag is reset (other command than
inventory).
Table 39.
Request flag bits description
Request flags
b1
b2
b3
b4
b5
b6
b7
b8
Inventory command
Subcarrier Data rate
Inventory = 1
Protocol
Extension
AFI
Address
Option RFU
Other command
Inventory = 0
Select
Nb slots
Option RFU
Table 40.
Request flag bits values
Bit
Value
Description
Subcarrier
0
A single subcarrier frequency is used.
1
Two subcarriers are used.
Data rate
0
Low data rate is used.
1
High data rate is used.
Inventory
0
Other command.
1
Inventory command.
Protocol Extension
0
RFU
Table 41.
Bit for request flag with inventory flag reset
Bit
Value
Description
Select
0
Request is executed in other state than Selected.
1
Request is executed only by the contactless tag in Selected state.
Data rate
0
Request is not addressed. UID field is not present.
1
Request is addressed. UID field is present. The request is executed only
by the contactless tag whose UID matches the UID specified in the
request.
Option
-
Depends on the command.
RFU
0
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com