Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 90 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics AN3985 Datasheet HTML 89Page - STMicroelectronics AN3985 Datasheet HTML 90Page - STMicroelectronics AN3985 Datasheet HTML 91Page - STMicroelectronics AN3985 Datasheet HTML 92Page - STMicroelectronics AN3985 Datasheet HTML 93Page - STMicroelectronics AN3985 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
Application example
AN3985
90/105
Doc ID 022255 Rev 2
For one slot inventory, only UID can be retrieved or there will be a collision. To prevent a
collision (with 1 or 16 slots), a mask can be added to the inventory command. The mask
corresponds to the LSB bits of the UID, the contactless tag compares those with its UID and
answers only if they match. The length of the mask is in bits, unused bits in the byte must be
reset in order to transmit whole bytes.
8.1.6
Display
If the inventory and Get System Info commands passed, then the UID and the ICRef of the
tag are displayed. Note that as the MSB byte is common to all contactless tags, it is not
displayed.
For STMicroelectronics manufactured contactless tags, a database containing the ICref is
present in the miscellaneous files.
8.1.7
User application
User application is based on the utilization of the joystick present on the STM8L 1528-Eval
board. This enables the user to perform the actions described in Figure 6:
Figure 6.
Joystick utilization
1.
A detection of a contactless tag or pressing the Reset button can exit this mode.
8.1.8
Low power modes
The CR95HF embeds a low power state named "tag detector state". In this state, the
CR95HF device is turned in Idle state and will periodically check if a tag is present in the
volume operation. If a tag is detected, the CR95HF devices will wake-up.
The STM8L integrates different low power modes. Once STM8L is turned in low power
mode, it can be waken up by itself using an internal timer or by an external interruption.
MS19962V1
Joystick
Left State :
A calibration of the tag detector
is launched.
Then a test is done in cleared
field.
This procedure has a duration of
around 6 seconds during while
the CR95HF is in Idle State and
looks for contactless tag.
The STM8L displays the number
of seconds remaining with dots.
Right State :
Low power mode.
When pressed, the STM8L and
the CR95HF turn into one of
three low power modes
described below. (1)
Up state :
An IDN command is sent to the
CR95HF and its response is
displayed on LCD.
Down State :
RF Field is alternatively turned
on and turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com