Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics AN3985 Datasheet HTML 38Page - STMicroelectronics AN3985 Datasheet HTML 39Page - STMicroelectronics AN3985 Datasheet HTML 40Page - STMicroelectronics AN3985 Datasheet HTML 41Page - STMicroelectronics AN3985 Datasheet HTML 42Page - STMicroelectronics AN3985 Datasheet HTML 43Page - STMicroelectronics AN3985 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 105 page
background image
ISO/IEC 15693 layer
AN3985
40/105
Doc ID 022255 Rev 2
The CR95HF supports these two cases but it has to be configured before sending an Write
command.
This is the meaning of the Flag#3 of parameter of ProtocolSelect command (0: Ensure a
312 µs delay OR 1: Wait for SOF).
Table 55 shows the relationship between option flag of request_flag and:
●
312 µs delay; or,
●
wait for SOF
The ISO15693_Write_Single_Block function returns an error code if the Option Flag is
reset and 312 µs and SOF flag is reset.
If the option flag is set, the EOF pulse is managed by the
ISO15693_Write_Single_Block
function.
ISO15693_Lock_Block function
This function sends, through the CR95HF, a lock block command to the contactless tag in
the field or to an unique contactless tag designated by its UID.
Table 55.
ISO15693_Write_Single_Block results depending on Option flag
Option flag of RequestFlag
(312 µs or WaitSOF)
0 (set)
1 (reset)
0 (312 µs)
Ko (write worked out but CR95HF
does not detect the response tag)
Ok (but required to emit an EOF
pulse)
1 (Wait SOF)
Ok
Ok (but required to emit an EOF
pulse)
Table 56.
ISO15693_Lock_Block function description
Prototype
u8 ISO15693_Lock_Block(ISO15693_Tag* MyTag, const u8
Request_flags, const u8* Tag_UID, const u8
Block_number)
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not (1).
Tag_UID: pointer on the UID (optional)
block_number: address of the block to read
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
ISO15693_ERROR_CODE: The command failed.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_SUCCESS_CODE: The contactless tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com