Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 17Page - STMicroelectronics AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics AN3985 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
21/105
CR95HF_Rd_Analog_Register_Config_B function
This function reads the analog register configuration B of the CR95HF to check the analog
configuration Register containing the modulation depth and reader chain gain.
Note:
A CR95HF_Set_Analog_Register_Config_B_Index command must be issued before
reading the register.
CR95HF_Baud_Rate function
This function sends a BaudRate command to the CR95HF. It allows to configure the UART
baudrate.
Table 21.
CR95HF_Rd_Analog_Register_Config_B function description
Prototype
u8 CR95HF_Rd_Wake_up_Reg(CR95HF_ResponseReceiving*
Response,CR95HF_Idle_Config* Idle_Config);
Input parameter
None
Output parameter
Response: pointer on the structure to fill in with the data retrieved
Idle_Config: pointer on the structure to update
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_INVALID_CMD_LENGTH: The command failed,
invalid length
CR95HF_ERROR_CODE: Unsuccessful command, Response
contains the error code.
Table 22.
CR95HF_Baud_Rate function description
Prototype
u8 CR95HF_Baud_Rate(u8 New_Baud_Rate);
Input parameter
New_Baud_Rate: new baud rate = 13.56/(2*BaudRate+2) Mbps
Output parameter
pResponse: pointer on the CR95HF response
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_CODE: Unsuccessful command, UART
communication may be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com