Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
ISO/IEC 15693 layer
AN3985
32/105
Doc ID 022255 Rev 2
Table 42 describes the bit for Request flag if the inventory flag is set (inventory commands)
For more information, please refer to ISO/IEC 15693 specification or ISO/IEC 15693
STMicroelectronics product datasheet.
Request flags and CR95HF_ProtocolSelect functions
The CR95HF_ProtocolSelect function (see Chapter 4.2.3: Protocol selection structure)
selects the RF protocol and defines the CR95HF datarate and contactless tag response
format (single or double subcarrier). Once the protocol and the RF parameters are
configured, the CR95HF can decode only contactless tag responses of same format and
datarate.
The datarate and contactless tag response format are also defined in the request flag byte
of each ISO/IEC 15693 command. The user application must ensure that the data rate and
subcarrier flags match the CR95HF_ProtocolSelect function parameters. This check is
performed by the functions of the ISO/IEC 15693 layer. If the parameters do not match, the
functions are not executed and the corresponding commands are not sent to the CR95HF.
5.3.3
Command code and Data management
The command and data shall be managed by user application.
5.3.4
CRC16 management
The ISO/IEC 15693 specification defines a two bytes CRC. It is appended to ISO/IEC 15693
command in order to check the data transmission between CR95HF and a contactless tag.
Bit 0 of parameter (AppendCRC) of ProtocolSelect command allows to append CRC to all
RF commands. The ISO15693_ComputeParameterByte_ProtocolSelect function
computes the parameter byte for protocol select according to the parameter provided and
sets the append CRC bit.
This bit 0 has to be set because the function in ISO/IEC 15693 and products layers will not
manage the CRC command. And the contactless tag will not answer to RF command.
Table 42.
Bit for request flag with inventory flag reset
Bit
Value
Description
AFI
0
AFI field is not present.
1
AFI field is present.
Data rate
0
16 slots
1
1 slot
Option
0
RFU
RFU
0
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com