Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 25Page - STMicroelectronics AN3985 Datasheet HTML 26Page - STMicroelectronics AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
29/105
5
ISO/IEC 15693 layer
This layer is composed of:
●
the source file: iso15693_command.c
●
the included file: iso15693_command.h
5.1
Overview
The ISO/IEC 15693 specification defines a set of commands to handle one or more
contactless tags, and some commands of a higher level such as read or write commands.
This layer supports all the commands defined in the ISO/IEC 15693 specification and
integrates some functions to facilitate the use of the ISO/IEC 15693 commands.
5.2
Structures
This layer uses a structure to store the information of an ISO/IEC contactless tag.
5.2.1
Structures of command and response of an ISO/IEC 15693 tag
The ISO15693_tag structure contains the different fields associated to an ISO/IEC15693
contactless tag.
Table 38.
ISO15693_tag structure description
Name
Number of bytes
Comment
command_ok
1
The command and the response
are ok, the structure is ok.
error_code
1
Error code of a contactless tag or
CRC error
response_flags
1
Response flag provided by the tag
dataField
ISO15693_DATA_RECEIVED_MAX
_SIZE
Whole data transmitted by the tag
and CR95HF control byte
receivedDataLength
1
Length of data transmitted by the
Tag
UID_Tag
ISO15693_UID_SIZE
UID of the contactless tag
AFI_Tag
1
AFI of the contactless tag
DSFID_Tag
1
DSFID of the contactless tag
ICRef
1
ICRef of the Tag (only for those
manufactured by
STMicroelectronics).
memSize
ISO15693_MEMSIZE_MAX_WORD_
BYTE_SIZE
Memfield of getsystem info
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com