Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics AN3985 Datasheet HTML 38Page - STMicroelectronics AN3985 Datasheet HTML 39Page - STMicroelectronics AN3985 Datasheet HTML 40Page - STMicroelectronics AN3985 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
37/105
ComputeByte
The ComputeByte function can be used to create the request flag required for all ISO/IEC
15693 commands.
For instance, the following function creates a request flags for an Inventory command.
Request_Flags = ComputeByte(
ISO15693_BIT3SET_BIT8_RFU,
ISO15693_BIT3SET_BIT7_OPTIONFLAG_RESET,
ISO15693_BIT3SET_BIT6_1_SLOT,
ISO15693_BIT3SET_BIT5_AFI_NOT_PRESENT,
ISO15693_BIT4_NO_PROTOCOL_EXTENSION,
ISO15693_BIT3_INVENTORY_FLAG_SET,
ISO15693_BIT2_LOW_DATARATE,
ISO15693_BIT1_SINGLE_SUBCARRIER
);
Table 50.
ComputeByte function description
Prototype
u8 ComputeByte(const u8 Bit7,const
u8 Bit6,const
u8
Bit5,const
u8 Bit4,const
u8 Bit3, const u8 Bit2,
const u8 Bit1,const
u8 Bit0)
Input parameter
Bit7: the parameter to place at the MSB bit
Bit6: the parameter of bit number 6
Bit5: the parameter of bit number 5
Bit4: the parameter of bit number 4
Bit3: the parameter of bit number 3
Bit2: the parameter of bit number 2
Bit1: the parameter of bit number 1
Bit0: the LSB bit
Output parameter
None
Return parameter
Request flag byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com