Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 26Page - STMicroelectronics AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
ISO/IEC 15693 layer
AN3985
30/105
Doc ID 022255 Rev 2
This structure is defined in ISO15693_structure.h.
typedef struct
{
u8 command_ok;
u8 error_code;
u8 response_flags;
u8 dataField[ISO15693_DATA_RECEIVED_MAX_SIZE];
u8 receivedDataLength;
u8 UID_Tag[ISO15693_UID_SIZE];
u8 AFI_Tag;
u8 DSFID_Tag;
u8 ICRef;
u8 memSize[ISO15693_MEMSIZE_MAX_WORD_BYTE_SIZE];
}ISO15693_Tag;
5.3
ISO/IEC 15693 command format
The commands defined by ISO/IEC 15693 specification have the following structure
:
With:
●
SOF: start of frame
●
Request flag: 1 byte
●
Command code: 1 byte
●
Data: 1 or more byte
●
CRC: 2 bytes
●
EOF: end of frame
5.3.1
SOF and EOF
The SOF and EOF are managed by CR95HF device.
5.3.2
Request flag management
The request flags byte is managed by the user application. Each bit or flag specifies the
actions to be carried out by the contactless tag and whether the corresponding fields are
present or not.
The request flags is a byte integrated on all ISO/IEC 15693 commands, which specifies the
actions to be performed by the contactless tag.
The meaning of bit 1, 2 and 4 is the same for all ISO/IEC 15693 commands.
Bit 3 (Inventory_flag) of the request flag defines the contents of the 4 MSBs (bits 5 to 8).
When bit 3 is reset (0), bits 5 to 8 contain the contactless tag selection criteria. When bit 3 is
set (1), bits 5 to 8 define the contactless tag Inventory parameters.
SOF
Request flag
Command code
Data
CRC
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com