Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 45Page - STMicroelectronics AN3985 Datasheet HTML 46Page - STMicroelectronics AN3985 Datasheet HTML 47Page - STMicroelectronics AN3985 Datasheet HTML 48Page - STMicroelectronics AN3985 Datasheet HTML 49Page - STMicroelectronics AN3985 Datasheet HTML 50Page - STMicroelectronics AN3985 Datasheet HTML 51Page - STMicroelectronics AN3985 Datasheet HTML 52Page - STMicroelectronics AN3985 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
49/105
ISO15693_Is_Collision_Flag_Set function
This function checks if the check collision flag added by the CR95HF is set or not. If it is, it
means that the CRC95HF has detected a collision between two contactless tag answers.
ISO15693_IsCRC_Flag_Set function
This function checks if the check CRC flag added by the CR95HF is set or not. If it is, it
means that the CRC95HF has detected an error during the reception.
ISO15693_Is_CorrectCRC16_Check function
This function checks the check CRC flag and the residue of the received command. If there
is any problem (mismatch or error), the function returns an error value.
Table 74.
ISO15693_Is_Collision_Flag_Set function description
Prototype
u8
ISO15693_Is_Collision_Flag_Set(CR95HF_ResponseReceiv
ing* Response);
Input parameter
ISO15693_Response_flags: response flag provided by the tag
ISO15693_cmd_code: command code emitted to contactless tag
Output parameter
None
Return parameter
TRUE_CODE: The collision flag is set.
FALSE_CODE: The collision flag is not set.
Table 75.
ISO15693_IsCRC_Flag_Set function description
Prototype
u8 ISO15693_IsCRC_Flag_Set(CR95HF_ResponseReceiving
Response);
Input parameter
Response: response returned by CR95HF containing the data
Output parameter
None
Return parameter
TRUE_CODE: The CRT flag is set.
FALSE_CODE: The CRT flag is not set.
Table 76.
ISO15693_Is_CorrectCRC16_Check function description
Prototype
u8
ISO15693_Is_CorrectCRC16_Check(CR95HF_ResponseReceiv
ing* Response);
Input parameter
Response: response returned by CR95HF containing the data.
Output parameter
None
Return parameter
TRUE_CODE: The CRC residue is correct.
FALSE_CODE: There is mismatch or error in CRC residue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com